Part Number Hot Search : 
KBJ1501 S78L08F TC5514 2832603 BYQ28E GSIB1520 GPAF801 5KPA45CA
Product Description
Full Text Search
 

To Download STTH1202 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STTH1202
Ultrafast recovery diode
Main product characteristics
IF(AV) VRRM Tj (max) VF (typ) trr (typ) 12 A 200 V 175 C 0.82 V 18 ns
A
K
K
Features and benefits

A K
TO-220AC STTH1202D
A K
TO-220FPAC STTH1202FP
Very low conduction losses Negligible switching losses Low forward and reverse recovery time High junction temperature Insulated packages - TO-220FPAC Electrical insulation 1500 VRMS - TO-220AC Ins Electrical insulation 2500 VRMS
A K
TO-220AC Ins STTH1202DI
Description
The STTH1202 uses ST's new 200V planar Pt doping technology, and is specially suited for switching mode base drive and transistor circuits. Packaged in TO-220AC, TO-220FPAC, and TO-220AC Ins, this device is intended for use in low voltage, high frequency inverters, free wheeling and polarity protection.
Order codes
Part Number STTH1202D STTH1202FP STTH1202DI Marking STTH1202 STTH1202 STTH1202DI
March 2007
Rev 1
1/10
www.st.com
Characteristics
STTH1202
1
Table 1.
Symbol VRRM VRSM IF(RMS)
Characteristics
Absolute ratings (limiting values at Tj = 25 C, unless otherwise specified)
Parameter Repetitive peak reverse voltage Non repetitive peak reverse voltage RMS forward current TO-220AC IF(AV) Average forward current, = 0.5 TO-220AC Ins TO-220FPAC IFRM IFSM Tstg Tj Repetitive peak forward current Surge non repetitive forward current Storage temperature range Maximum operating junction temperature Tc = 140 C Tc = 130 C Tc = 105 C 130 100 -65 to + 175 175 A A C C 12 A Value 200 V 200 30 A Unit
tp = 10 s F = 5 kHz square tp = 10 ms Sinusoidal
Table 2.
Thermal parameters
Parameter TO-220AC Value 2.5 3 5 C/W Unit
Symbol
Rth(j-c)
Junction to case
TO-220AC Ins TO-220FPAC
Table 3.
Symbol IR(1)
Static electrical characteristics
Parameter Reverse leakage current Test conditions Tj = 25 C Tj = 125 C Tj = 25 C Tj = 150 C VR = VRRM Min. Typ Max. 10 A 10 1.0 IF = 12 A 0.82 100 1.10 0.95 1.15 IF = 15 A 0.91 0.87 1.05 1.0 V Unit
VF(2)
Forward voltage drop
Tj = 25 C Tj = 125 C Tj = 150 C
1. Pulse test: tp = 5 ms, < 2 % 2. Pulse test: tp = 380 s, < 2 %
To evaluate the conduction losses use the following equation: P = 0.77 x IF(AV) + 0.015 x IF2(RMS)
2/10
STTH1202 Table 4.
Symbol
Characteristics Dynamic characteristics
Parameter Test conditions IF = 1 A, dIF/dt = -50 A/s, VR = 30 V, Tj = 25 C IF = 1 A, dIF/dt = -100 A/s, VR = 30 V, Tj = 25 C Min. Typ 28 18 5.8 110 2 Max. 35 24 7.5 A ns V Unit ns
trr
Reverse recovery time
IRM tfr VFP
Reverse recovery current Forward recovery time Forward recovery voltage
IF = 12 A, dIF/dt = -200 A/s, VR = 160 V, Tj = 125 C IF = 12 A, dIF/dt = 100 A/s VFR = 1.1 x VFmax, Tj = 25 C IF = 12 A, dIF/dt = 100 A/s, Tj = 25 C
Figure 1.
IM(A)
80
Peak current versus duty cycle
Figure 2.
IFM(A)
200
Forward voltage drop versus forward current (typical values)
IM
T
180 160
Tj=150C (maximum values)
60
=tp/T
tp
140 120
40
P = 5W P = 2W
100 80 60
Tj=150C (typical values) Tj=25C (maximum values)
20
P = 1W
0 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
40 20 0 0.0 0.4 0.8 1.2 1.6 2.0 2.4 2.8
VFM(V)
Figure 3.
Relative variation of thermal impedance, junction to case, versus pulse duration (TO-220AC, TO-220AC Ins)
Figure 4.
Relative variation of thermal impedance, junction to case, versus pulse duration (TO-220FPAC)
Zth(j-c)/Rth(j-c)
1.0
Single pulse TO-220AC TO-220AC Ins
Zth(j-c)/Rth(j-c)
1.0
Single pulse TO-220FPAC
0.1
tp(s)
0.1 1.E-03 1.E-02 1.E-01 1.E+00 0.0 1.E-03 1.E-02
tp(s)
1.E-01 1.E+00 1.E+01
3/10
Characteristics
STTH1202
Figure 5.
Junction capacitance versus reverse applied voltage (typical values)
F=1MHz VOSC=30mVRMS Tj=25C
Figure 6.
Reverse recovery charges versus dIF/dt (typical values)
C(pF)
100 200 180 160 140 120 100 80 60 40
Qrr(nC)
VR=160V IF=12A
Tj=125C
Tj=25C
VR(V)
10 1 10 100 1000
20 0 10
dIF/dt(A/s)
100 1000
Figure 7.
trr(ns)
100 90 80 70 60 50 40
Reverse recovery time versus dIF/dt Figure 8. (typical values)
IRM(A)
14
VR=160V IF=12A VR=160V IF=12A
Peak reverse recovery current versus dIF/dt (typical values)
12 10 8 6
Tj=25C
Tj=125C
Tj=125C
30 20 10 0 10 100 1000
4 2
Tj=25C
dIF/dt(A/s)
0 10
dIF/dt(A/s)
100 1000
Figure 9.
Dynamic parameters versus junction temperature
Qrr;IRM [Tj]/IRM [Tj=125C]
1.4
VR=160V IF=12A
1.2 1.0 0.8 0.6 0.4 0.2
IRM QRR
Tj(C)
0.0 25 50 75 100 125 150
4/10
STTH1202
Ordering information scheme
2
Ordering information scheme
STTH
Ultrafast switching diode Average forward current 12 = 12 A Repetitive peak reverse voltage 02 = 200 V Package D = TO-220AC FP = TO-220FPAC DI = TO-220AC Ins
12 02 XX
5/10
Package information
STTH1202
3
Package information

Epoxy meets UL94, V0 Cooling method: by conduction (C) Recommended torque value: 0.55 Nm Maximum torque value: 0.7 Nm T0-220AC dimensions
DIMENSIONS REF. Millimeters Min. A
H2 OI L5 L7 L6 L2 C A
Table 5.
Inches Min. 0.173 0.048 0.094 0.019 0.024 0.044 0.194 0.393 Max. 0.181 0.051 0.107 0.027 0.034 0.066 0.202 0.409
Max. 4.60 1.32 2.72 0.70 0.88 1.70 5.15 10.40
4.40 1.23 2.40 0.49 0.61 1.14 4.95 10.00
C D E F F1 G
F1
L9 L4 F
D
H2 L2
M E G
16.40 typ. 13.00 2.65 15.25 6.20 3.50 14.00 2.95 15.75 6.60 3.93
0.645 typ. 0.511 0.104 0.600 0.244 0.137 0.551 0.116 0.620 0.259 0.154
L4 L5 L6 L7 L9 M Diam. I
2.6 typ. 3.75 3.85
0.102 typ. 0.147 0.151
6/10
STTH1202 Table 6. T0-220FPAC dimensions
Package information
DIMENSIONS REF Millimeters Min. A
A H B
Inches Min. 0.173 0.098 0.098 0.018 0.030 0.045 0.195 0.094 0.393 Max. 0.181 0.106 0.108 0.027 0.039 0.067 0.205 0.106 0.409
Max. 4.6 2.7 2.75 0.70 1 1.70 5.20 2.7 10.4
4.4 2.5 2.5 0.45 0.75 1.15 4.95 2.4 10
B D
Dia L6 L2 L3 L5 F1 L4 D L7
E F F1 G G1 H L2
16 Typ. 28.6 9.8 2.9 15.9 9.00 3.00 30.6 10.6 3.6 16.4 9.30 3.20
0.63 Typ. 1.126 0.386 0.114 0.626 0.354 0.118 1.205 0.417 0.142 0.646 0.366 0.126
F G1 G
E
L3 L4 L5 L6 L7 Dia.
7/10
Package information Table 7. TO-220AC Ins. dimensions
Dimensions Ref. Millimeters Min. A
B OI L F b2 C
STTH1202
Inches Min. Typ. Max. 0.625 0.147
Typ.
Max.
15.20 3.75 13.00 10.00 0.61 1.23 4.40 0.49 2.40 4.80 6.20 3.75
15.90 0.598
a1 a2 B b1
14.00 0.511 10.40 0.393 0.88 1.32 4.60 0.70 2.72 5.40 6.60 3.85 0.024 0.048 0.173 0.019 0.094 0.189 0.244 0.147
0.551 0.409 0.034 0.051 0.181 0.027 0.107 0.212 0.259 0.151
A I4
b2 C
c2
a1 l2
c1 c2 e
a2
M b1 e c1
F OI I4 L l2 M
15.80 16.40 16.80 0.622 0.646 0.661 2.65 1.14 2.60 2.95 1.70 0.104 0.044 0.102 0.116 0.066
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
8/10
STTH1202
Ordering information
4
Ordering information
Part Number STTH1202D STTH1202FP STTH1202DI Marking STTH1202 STTH1202 STTH1202DI Package TO-220AC TO-220FPAC TO-220AC Ins Weight 1.86 g 1.64 g 2.3 g Base qty 50 50 50 Delivery mode Tube Tube Tube
5
Revision history
Date 01-Mar-2007 Revision 1 First issue. Description of Changes
9/10
STTH1202
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2007 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
10/10


▲Up To Search▲   

 
Price & Availability of STTH1202

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X